Part Number Hot Search : 
AT91SAM9 ZXGD300 HT7024A 204C08 7260L10 TA78L08S IRFB20N5 T4401
Product Description
Full Text Search
 

To Download SY100EPT22VZZTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ecl pro sy100ept22v micrel m9999-090704 hbwhelp@micrel.com or (408) 955-1690 description  3.3v and 5v power supply option  300ps typical propagation delay  differential lvpecl outputs  i cc max 25ma  pnp lvttl inputs for minimal loading  flow-through pinouts  q outputs will default high with inputs open  max. frequency range 800mhz  available in 8-pin msop and soic package the sy100ept22v is a dual ttl/cmos to differential pecl translator. capable of running from a 3.3 or 5v supply, the part can be used in either lvttl/lvcmos/ lvpecl or ttl/cmos/pecl systems. the device only requires a single positive supply of 3.3v or 5v - no negative supply is required. the tiny 8-pin msop package and the low skew, dual gate design of the ept22v makes it ideal for those applications where space, performance, and low power are at a premium. features 3.3v/5v dual lvttl/lvcmos-to-differential lvpecl translator pin names pin configuration/block diagram pin function q 0 , /q 0 , q 1 , /q 1 differential lvpecl outputs d 0 , d 1 lvttl inputs v cc positive supply gnd ground 1 q0 /q0 q1 /q1 8v cc d0 gnd 7 6 5 2 3 4 d1 lvpecl lvttl (available in 8-pin soic and 8-pin msop) ecl pro sy100ept22v rev.: d amendment: /0 issue date: september 2004 ecl pro ecl pro is a trademark of micrel, inc.
2 ecl pro sy100ept22v micrel m9999-090704 hbwhelp@micrel.com or (408) 955-1690 t a = 40 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. max. min. max. min. max. min. max. unit condition i cc power supply current 25 25 25 25 ma notes: 1. parametric values specified at: 3 volt power supply range 100ept22v series: +3.0v to +3.8v. 5 volt power supply range 100ept22v series: +4.2v to +5.5v. truth table dq /q hh l ll h open h l dc electrical characteristics (1) v cc = +3.3v 5% or +5.0v 5% symbol paramter value unit v cc power supply voltage ?.5 to +7.0 v v i ttl input voltage ?.5 to v cc v i i ttl input current ?0 to +5.0 ma i o pecl output current ma ?continuous 50 ?surge 100 t store storage temperature ?5 to +150 c t a operating temperature ?0 to +85 c notes: 1. permanent device damage may occur if absolute maximum ratings are exceeded. this is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. exposure to absolute maximum ratlng conditions for extended periods may affect device reliability. absolute maximum ratings (1) ttl dc electrical characteristics (1) t a = 40 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. max. min. max. min. max. min. max. unit condition v ih input high voltage 2.0 2.0 2.0 2.0 v v il input low voltage 0.8 0.8 0.8 0.8 v i ih input high current 20 20 20 20 av in = 2.7v 100 100 100 100 v in = v cc i il input low current ?.2 ?.2 ?.2 ?.2 ma v in = 0.5v v ik input clamp voltage ?.2 ?.2 ?.2 ?.2 v i in = ?8ma notes: 1. parametric values specified at: 3 volt power supply range 100ept22v series: +3.0v to +3.8v. 5 volt power supply range 100ept22v series: +4.2v to +5.5v. v cc = +3.3v 5% or +5.0v 5%
3 ecl pro sy100ept22v micrel m9999-090704 hbwhelp@micrel.com or (408) 955-1690 product ordering code ordering package operating package code type range marking sy100ept22vzc z8-1 commercial xep22v sy100ept22vzctr (1) z8-1 commercial xep22v sy100ept22vkc k8-1 commercial xp22 sy100ept22vkctr (1) k8-1 commercial xp22 sy100ept22vzz (3) z8-1 commercial xep22v SY100EPT22VZZTR (1,3) z8-1 commercial xep22v sy100ept22vkz (3) k8-1 commercial xp22 sy100ept22vkztr (1,3) k8-1 commercial xp22 notes: 1. tape and reel. 2. recommended for new designs. 3. pb-free (lead-free). t a = 40 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. min. typ. max. unit v oh output high voltage (2) mv 100ept 2220 2420 2275 2420 2275 2420 2275 2420 v ol output low voltage (2) mv 100ept 1470 1750 1490 1680 1490 1680 1490 1680 notes: 1. parametric values specified at: 3 volt power supply range 100ept22v series: +3.0v to +3.8v. 5 volt power supply range 100ept22v series: +4.2v to +5.5v. 2. these values are for v cc = 3.3v. level specifications will vary 1:1 with v cc . v cc = +3.3v 5% or +5.0v 5% pecl dc electrical characteristics (1) t a = 40 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. max. min. max. min. max. min. max. unit condition t plh propagation delay to output d, 100 600 100 600 100 600 100 600 ps 50 ? to v cc ?2.0v t phl enecl/enttl t skpp part-to-part skew (2) 500 500 500 500 ps 50 ? to v cc ?2.0v t skew within-device skew (2, 3) 100 100 100 100 ps 50 ? to v cc ?2.0v t r output rise/fall time 200 500 200 500 200 500 200 500 ps 50 ? to v cc ?2.0v t f 20% to 80% f max maximum toggle frequency 800 800 800 800 mhz 50 ? to v cc ?2.0v notes: 1. parametric values specified at: 3 volt power supply range 100ept22v series: +3.0v to +3.8v. 5 volt power supply range 100ept22v series: +4.2v to +5.5v. 2. guaranteed, but not tested. 3. same transition @common v cc levels. ac electrical characteristics (1, 2) v cc = +3.3v 5% or +5.0v 5% ordering package operating package code type range marking sy100ept22vzi (2) z8-1 industrial xep22v sy100ept22vzitr (1,2) z8-1 industrial xep22v sy100ept22vki (2) k8-1 industrial xp22 sy100ept22vkitr (1,2) k8-1 industrial xp22 sy100ept22vzy (2,3) z8-1 industrial xep22v sy100ept22vzytr (1,2,3) z8-1 industrial xep22v sy100ept22vky (2,3) k8-1 industrial xp22 sy100ept22vkytr (1,2,3) k8-1 industrial xp22
4 ecl pro sy100ept22v micrel m9999-090704 hbwhelp@micrel.com or (408) 955-1690 8 lead plastic soic (z8-1) rev. 03
5 ecl pro sy100ept22v micrel m9999-090704 hbwhelp@micrel.com or (408) 955-1690 8 lead msop (k8-1) rev. 01 micrel, inc. 1849 fortune drive san jose, ca 95131 usa tel + 1 (408) 944-0800 fax + 1 (408) 474-1000 web http://www.micrel.com the information furnished by micrel in this datasheet is believed to be accurate and reliable. however, no responsibility is as sumed by micrel for its use. micrel reserves the right to change circuitry and specifications at any time without notification to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfu nction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems that (a) are intend ed for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant inj ury to the user. a purchaser s use or sale of micrel products for use in life support appliances, devices or systems is at purchaser s own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ? 2004 micrel, incorporated.


▲Up To Search▲   

 
Price & Availability of SY100EPT22VZZTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X